Part Number Hot Search : 
SDR622Z R9220 4STRL EGNTR X28C256 02010 18605 M93S46BN
Product Description
Full Text Search
 

To Download BD142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD142
NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
LF Large Signal Power Amplification Low Saturation Voltage High Dissipation Rating Intended for a wide variety of intermediate-power applications. It is especially suited for use in audio and inverter circuits at 12 volts.
ABSOLUTE MAXIMUM RATINGS
Symbol
VCEO VCBO VEBO VCEX IC IB PT
Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector-Emitter Voltage Collector Current Base Current Power Dissipation
Ratings
Value
45 50 7
Unit
V V V V A A Watts
VBE=-1.5 V
50
15 7
@ TC = 25
117
TJ
Junction Temperature
-65 to +200 TS
Storage Temperature
C
COMSET SEMICONDUCTORS
1/3
BD142
THERMAL CHARACTERISTICS Symbol
RthJ-C
Ratings
Thermal Resistance, Junction to Case
Value
1.5
Unit
C/W
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(BR)
Collector-Emitter Breakdown Voltage (*)
IC=200 mA, IB=0
45
V
VCEX(BR)
Collector-Emitter Breakdown Voltage (*)
IC=100 mA, VBE=-1.5 V
50
V
VCE(SAT)
Collector-Emitter Saturation IC=4 A, IB=0.4 A Voltage (*) Collector-Emitter Cutoff Current
-
-
1.1
V
ICEX
VCE= 40 V VBE=-1.5 V
-
-
2
mA
IEBO
Emitter-Base Cutoff Current
VEB=7 V
-
-
1
mA
VBE
Base-Emitter Voltage (*)
IC=4.0 A, VCE=4.0V
-
-
1.5
V
COMSET SEMICONDUCTORS
2/3
BD142
Symbol Ratings
Test Condition(s)
Min Typ Mx Unit
IS/B
Second Breakdown collector current
t=1s, VCE=39 V
3
-
-
A
VCE=4.0 V, IC=4.0 A
12.5
-
160 -
hFE
Static Forward Current Transfer Ratio (*)
VCE=4.0 V, IC=0.5 A 20
-
-
(*) Pulse Width 300 s, Duty Cycle 2.0% (1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
A B C D E G H L M N P Pin 1 : Pin 2 : Case : mm 25,51 38,93 30,12 17,25 10,89 11,62 8,54 1,55 19,47 1 4,06 inches 1,004 1,53 1,18 0,68 0,43 0,46 0,34 0,6 0,77 0,04 0,16 Base Emitter Collector
COMSET SEMICONDUCTORS
3/3


▲Up To Search▲   

 
Price & Availability of BD142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X